PART |
Description |
Maker |
EGP20K EGP20 EGP20A EGP20B EGP20D EGP20F EGP20G EG |
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts 2 A, 800 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components] http://
|
SW04PCR020 SW20KBN805 BR935 SW08KBN805 |
30 A, 400 V, SILICON, RECTIFIER DIODE 800 A, 2000 V, SILICON, RECTIFIER DIODE 935 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 800 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
TT430N18KOC-A TT430N20KOF-K TT430N20KOC-A TT430N22 |
800 A, 1800 V, SCR MODULE-7 800 A, 2000 V, SCR MODULE-7 800 A, 2200 V, SCR MODULE-7 150 A, 800 V, SCR 900 A, 800 V, SCR 900 A, 600 V, SCR 800 A, 800 V, SCR 120 A, 1600 V, SCR
|
Infineon Technologies AG
|
CS3-16N CS3-16D CS3-16M |
SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS 16 A, 800 V, SCR, TO-3 SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS 16 A, 400 V, SCR, TO-3 SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS 16 A, 600 V, SCR, TO-3
|
Central Semiconductor, Corp.
|
CS220-25N CS220-25B CS220-25D CS220-25M |
Leaded Thyristor SCR SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 600 V, SCR, TO-220AB
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor, Corp.
|
IRKLF102-08HJ IRKLF112-08HN IRKLF102-06HK IRKLF102 |
164.85 A, 800 V, SCR Silicon Controlled Rectifier, 250 A, 800 V, SCR, POWER, INT-A-PAK-5 Silicon Controlled Rectifier, 164.85 A, 600 V, SCR Silicon Controlled Rectifier, 164.85 A, 1200 V, SCR
|
Vishay Semiconductors
|
2N640004 2N6401G 2N6426G 2N6405G 2N6400 2N6401 2N6 |
Silicon Controlled Rectifier 16A 400V Darlington Transistors NPN Silicon Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
|
ONSEMI[ON Semiconductor]
|
1N4007GPP 1N4006GPP |
GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1.0 AMP, 50 THRU 1000 VOLTS 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
Central Semiconductor Corp. Vishay Intertechnology, Inc.
|
CS220-10B CS220-10D CS220-10M CS220-10N |
SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS 10 A, 400 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS 10 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS 10 A, 800 V, SCR, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
SW08CXC300 SW12CXC300 SW58CXC620 SW42CXC680 SW30CX |
650 A, 800 V, SILICON, RECTIFIER DIODE 650 A, 1200 V, SILICON, RECTIFIER DIODE 1520 A, 5800 V, SILICON, RECTIFIER DIODE 1610 A, 4200 V, SILICON, RECTIFIER DIODE 5100 A, 3000 V, SILICON, RECTIFIER DIODE 5100 A, 3200 V, SILICON, RECTIFIER DIODE 1030 A, 3600 V, SILICON, RECTIFIER DIODE 2050 A, 2800 V, SILICON, RECTIFIER DIODE 1860 A, 4000 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
|